PART |
Description |
Maker |
STW45NM50FD STW45NM50F |
N-CHANNEL 500V - 0.07ohm - 45A TO-247 FDmesh?Power MOSFET With FAST DIODE N-CHANNEL 500V 0.07 OHM 45A TO-247 FDMESH POWER MOSFET N-CHANNEL 500V - 0.07ohm - 45A TO-247 FDmesh⑩Power MOSFET With FAST DIODE
|
STMICROELECTRONICS[STMicroelectronics]
|
STW47NM50 |
N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh?Power MOSFET N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh⑩Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
AP2302AGN-HF |
Advanced Power MOSFE
|
TY Semiconductor Co., Ltd
|
RFP45N06LE RF1S45N06LESM FN4076 |
From old datasheet system 45A/ 60V/ 0.028 Ohm/ Logic Level N-Channel Power MOSFETs 45A, 60V, 0.028 Ohm, Logic Level N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
RJK03N1DPA |
30V, 45A, 3.0m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
|
Renesas Electronics Corporation
|
RFP45N06 RF1S45N06 RF1S45N06SM RFG45N06 |
45A/ 60V/ Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs 45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
STP45NF3LL_06 B11NM60FD P11NM60FD STB11NM60FD STB1 |
N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STD45NF03L 6770 |
From old datasheet system N - CHANNEL 30V - 0.011 ohm - 45A DPAK STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
MAX148 MAX148ACAP MAX148ACPP MAX148AEAP MAX148AEPP |
2.7V to 5.25V / Low-Power / 8-Channel / Serial 10-Bit ADCs 2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
DAN803 DAP803 DA4148 DA4148A DA4148K |
Switch Mode Power Supply; Output Power:10W; No. of Outputs:2; Output 1 VDC :12VDC; Output Current 1:0.45A; Output 2 VDC -:12VDC; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:0.45A RoHS Compliant: Yes Small Signal Diode Arrays
|
DIOTEC SEMICONDUCTOR AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
UT75N02 |
75A 25V N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES
|